Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3211SN29A Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIC3211SN29A
Description  Analog CMOS Integrated Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211SN29A Datasheet(HTML) 8 Page - KEC(Korea Electronics)

  KIC3211SN29A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2011. 5. 27
8/9
KIC3211 Series
Revision No : 1
80
60
70
90
30
20
0
10
50
40
KIC3211SN12
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
80
60
70
90
30
20
0
10
50
40
KIC3211SN12
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
80
60
70
90
30
20
0
10
50
40
KIC3211SN28
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
80
60
70
90
30
20
0
10
50
40
KIC3211SN28
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
80
60
70
90
30
20
0
10
50
40
KIC3211SN40
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
80
60
70
90
30
20
0
10
50
40
KIC3211SN40
0.1
1
10
100
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
3.8
3.8
5.0
5.0
5) RIPPLE REJECTION vs FREQUENCY(CIN = none)


Similar Part No. - KIC3211SN29A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN12A KEC-KIC3211TSN12A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN13A KEC-KIC3211TSN13A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN14A KEC-KIC3211TSN14A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN15A KEC-KIC3211TSN15A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
More results

Similar Description - KIC3211SN29A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com