Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3021 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # AN3021
Description  PIN Diodes for Microwave Switch Designs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN3021 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button AN3021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. AN3021 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Schematic 3: SP2T All Shunt, 30 dB Isolation Design using
π, C-L-C Lumped Element 90°
Transformer
Schematic 3: D.C. Bias to RF Truth Table
J3
J2
θ = 90 Deg
C
C
L
J1
C
C
L
B2
B3
θ = 90 Deg
L = Zo
/ (2π * Fo)
C = 1
/ (2π *Fo * Zo)
Fo = (Fmin* Fmax)
1/2
RF State
B2 Bias
B3 Bias
Low Loss J1-J2 & Isolation J1-J3
-V @ 0 mA
+1 V @ +20 mA
Low Loss J1-J3 & Isolation J1-J2
+1 V @ +20 mA
-V @ 0 mA


Similar Part No. - AN3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN302 STMICROELECTRONICS-AN302 Datasheet
143Kb / 10P
   The purpose of this note is to familiarize
logo
M/A-COM Technology Solu...
AN3022 MA-COM-AN3022 Datasheet
212Kb / 6P
   Establishing the Minimum Reverse Bias for a PIN Diode in a High-Power Switch
logo
STMicroelectronics
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
   Using the analog-to-digital converter of the STM8A microcontroller
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
   Transistor Mounting and Soldering
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
   3-ch. LED Driver for illumination
More results

Similar Description - AN3021

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N21B NJSEMI-1N21B Datasheet
61Kb / 1P
   Microwave Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
logo
Microsemi Corporation
MPP4201 MICROSEMI-MPP4201 Datasheet
63Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
logo
M/A-COM Technology Solu...
AG318 MA-COM-AG318 Datasheet
214Kb / 5P
   Comparison of Gallium Arsenide and Silicon PIN Diodes for High Speed Microwave Switches
logo
Skyworks Solutions Inc.
APN1001 SKYWORKS-APN1001 Datasheet
195Kb / 5P
   Circuit Models for Plastic Packaged Microwave Diodes
logo
Rohm
RN77 ROHM-RN77 Datasheet
611Kb / 1P
   PIN Diodes for Attenuators
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com