Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-190-20VL Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-190-20VL
Description  Annular Convoluted Tubing with External Braid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-190-20VL Datasheet(HTML) 1 Page - Glenair, Inc.

  121-190-20VL Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
12
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
For non-environmental EMI/RFI applications
121-190
Annular Convoluted tubing
with external Braid
LENGTH
(AS SPECIFIED IN P.O.)
B TyP
A TyP
TUBING
SHIELD/BrAID
How To Order
Product
Series
Basic No.
Dash No.
(Table I)
Tubing Option
(Table II)
121 - 190 - 16 Y T
Shield/Braid Option
(Table III)
table i - dash number/diameter
Dash
No
A Inside Dia
B Outside Dia
Min
Max
Min
Max
09
.24 (6.1)
.28 (7.1)
.42 (10.7)
.46 (11.7)
12
.33 (8.4)
.37 (9.4)
.52 (13.2)
.56 (14.2)
16
.45 (11.4)
.50 (12.7)
.64 (16.3)
.70 (17.8)
20
.57 (14.5)
.62 (15.7)
.75 (19.1)
.81 (20.6)
24
.69 (17.5)
.75 (19.1)
.92 (23.4)
.98 (24.9)
28
.81 (20.6)
.87 (22.1)
1.04 (26.4)
1.12 (28.4)
32
.93 (23.6)
1.00 (25.4)
1.16 (29.5)
1.24 (31.5)
40
1.18 (30.0)
1.25 (31.8)
1.40 (35.6)
1.48 (37.6)
52
1.56 (39.6)
1.63 (41.4)
1.81 (46.0)
1.89 (48.0)
table ii - tubing option
Y
Kynar/Thermally stabilized
V
PVDF/Not thermally stabilized
S
Siltem/Medium duty
table iii - Shield/Braid option
T
Tin/Copper
C
Stainless Steel
N
Nickel Copper
L
ArmorLite™
D
Dacron
m
Nomex
e
AmberStrand® 100%
F
AmberStrand® 75%/25%
Packaging
Long-length orders of 121-190 braided conduit are subject to carrier weight and box size
restrictions. For example, UPS air shipments are currently limited to 50 lbs. per box.
Unless otherwise specified, Glenair standard practice is to ship optimal lengths of product
based on weight, size, and individual carrier specifications. Consult factory for additional
information or to specify packaging requirements.


Similar Part No. - 121-190-20VL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-191 GLENAIR-121-191 Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
121-191-09SCH GLENAIR-121-191-09SCH Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
121-191-09SCN GLENAIR-121-191-09SCN Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
121-191-09SDH GLENAIR-121-191-09SDH Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
121-191-09SDN GLENAIR-121-191-09SDN Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
More results

Similar Description - 121-190-20VL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-192 GLENAIR-121-192 Datasheet
188Kb / 1P
   Annular Convoluted Tubing with Double External Braid
121-191 GLENAIR-121-191 Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
667-347 GLENAIR-667-347 Datasheet
286Kb / 1P
   Annular Convoluted Tubing with Double External Braid and Jacket
121-193 GLENAIR-121-193 Datasheet
196Kb / 1P
   Annular Convoluted Tubing with Double External Braid and Jacket
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
120-001 GLENAIR-120-001 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-014 GLENAIR-121-014 Datasheet
119Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-001-09 GLENAIR-121-001-09 Datasheet
121Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-003-09 GLENAIR-121-003-09 Datasheet
117Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-007-09E GLENAIR-121-007-09E Datasheet
114Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com