Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ357 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BUZ357
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ357 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BUZ357 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ357 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
01/97
BUZ 357
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 5.1 A, VDD = 50 V
R
GS = 25 Ω, L = 62 mH
20
40
60
80
100
120
°C
160
T
j
0
100
200
300
400
500
600
700
mJ
900
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 8 A
0
20
40
60
80 100 120 140 160 nC 200
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
900
920
940
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
V
1200
V
(BR)DSS


Similar Part No. - BUZ357

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ357 ISC-BUZ357 Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUZ357

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com