Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD104BNP-390MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD104BNP-390MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-390MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD104BNP-390MC Datasheet HTML 1Page - Sumida Corporation CD104BNP-390MC Datasheet HTML 2Page - Sumida Corporation CD104BNP-390MC Datasheet HTML 3Page - Sumida Corporation CD104BNP-390MC Datasheet HTML 4Page - Sumida Corporation CD104BNP-390MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Heating current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.39
0.22
0.34
3.08(2.57)
1.0mH
±20%
102M
CD104BNP-102MC
0.43
0.24
0.38
2.49(2.07)
820
μH±20%
821M
CD104BNP-821MC
0.46
0.26
0.40
2.20(1.83)
680
μH±20%
681M
CD104BNP-681MC
0.49
0.27
0.41
1.91(1.59)
560
μH±20%
561M
CD104BNP-561MC
0.55
0.30
0.46
1.61(1.34)
470
μH±20%
471M
CD104BNP-471MC
0.60
0.34
0.51
1.27(1.06)
390
μH±20%
391M
CD104BNP-391MC
0.64
0.37
0.56
1.14(908.8m)
330
μH±20%
331M
CD104BNP-331MC
0.69
0.40
0.58
984.3m(787.4m)
270
μH±20%
271M
CD104BNP-271MC
0.75
0.44
0.65
747.0m(597.6m)
220
μH±20%
221M
CD104BNP-221MC
0.78
0.49
0.74
644.5m(515.6m)
180
μH±20%
181M
CD104BNP-181MC
0.88
0.52
0.80
520.8m(416.6m)
150
μH±20%
151M
CD104BNP-151MC
0.98
0.59
0.91
415.8m(332.6m)
120
μH±20%
121M
CD104BNP-121MC
1.30
0.68
1.05
340.8m(272.6m)
100
μH±20%
101M
CD104BNP-101MC
1.45
0.74
1.16
274.8m(219.8m)
82
μH±20%
820M
CD104BNP-820MC
1.55
0.84
1.25
235.3m(188.2m)
68
μH±20%
680M
CD104BNP-680MC
1.70
0.91
1.36
199.3m(159.4m)
56
μH±20%
560M
CD104BNP-560MC
1.80
1.00
1.52
175.8m(140.6m)
47
μH±20%
470M
CD104BNP-470MC
2.10
1.07
1.64
139.5m(111.6m)
39
μH±20%
390M
CD104BNP-390MC
2.30
1.18
1.80
114.3m(91.4m)
33
μH±20%
330M
CD104BNP-330MC
2.48
1.24
2.01
96.1m(76.8m)
27
μH±20%
270M
CD104BNP-270MC
2.50
1.44
2.24
83.9m(67.1m)
22
μH±20%
220M
CD104BNP-220MC
2.76
1.52
2.32
77.8m(62.2m)
18
μH±20%
180M
CD104BNP-180MC
2.90
1.72
2.56
67.0m(53.6m)
15
μH±20%
150M
CD104BNP-150MC
3.20
1.92
2.88
56.3m(45.0m)
12
μH±20%
120M
CD104BNP-120MC
3.30
2.05
3.12
51.6m(41.2m
10
μH±20%
100M
CD104BNP-100MC
(at 125
℃)
(at 25
℃)
Temperature
rise current
(
A) ※3
Saturation current
(A)
※2
D.C.R. (
Ω)
[Max.] (Typ.)
(at 25
℃)
Inductance
[Within]※1
Stamp
Part name.


Similar Part No. - CD104BNP-390MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
70Kb / 6P
   CD104
logo
ECM Electronics Limited...
CD104 ECM-CD104 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
145Kb / 2P
   POWER INDUCTORS
logo
AIT Components Ltd.
CD104 AITCOMPONENTS-CD104 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
CD104-100 AITCOMPONENTS-CD104-100 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
More results

Similar Description - CD104BNP-390MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com