Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-191-40VNH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-191-40VNH
Description  Annular Convoluted Tubing with External Braid and Jacket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-191-40VNH Datasheet(HTML) 1 Page - Glenair, Inc.

  121-191-40VNH Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
13
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
For environmental EMI/RFI applications
121-191
Annular Convoluted tubing
with external Braid and Jacket
LENGTH
(AS SPECIFIED IN P.O.)
B TyP
A TyP
TUBING
SHIELD/BrAID
jACkET
table i - dash number/diameter
Dash
No
A Inside Dia
B Outside Dia
Min
Max
Min
Max
09
.24 (6.1)
.28 (7.1)
.54 (13.7)
.58 (14.7)
12
.33 (8.4)
.37 (9.4)
.64 (16.3)
.68 (17.3)
16
.45 (11.4)
.50 (12.7)
.76 (19.3)
.82 (20.8)
20
.57 (14.5)
.62 (15.7)
.87 (22.1)
.93 (23.6)
24
.69 (17.5)
.75 (19.1)
1.04 (26.4)
1.10 (27.9)
28
.81 (20.6)
.87 (22.1)
1.16 (29.4)
1.24 (31.5)
32
.93 (23.6)
1.00 (25.4)
1.28 (32.5)
1.36 (34.5)
40
1.18 (30.0)
1.25 (31.8)
1.52 (38.6)
1.60 (40.6)
52
1.56 (39.6)
1.63 (41.4)
1.93 (49.0)
2.01 (51.1)
table ii - tubing option
Y
Kynar/Thermally stabilized
V
PVDF/Not thermally stabilized
S
Siltem/Medium duty
table iV - Jacket option
N
Neoprene
H
Hypalon
e
EPDM
V
Viton
B
Duralectric, black
G
Bluejacket, Gray
TN Duralectric, Desert Tan
How To Order
Product
Series
Basic No.
Dash No.
(Table I)
Tubing Option
(Table II)
Jacket Option
(Table IV)
121 - 191 - 16 Y T N
Shield/Braid Option
(Table III)
table iii - Shield/Braid option
T
Tin/Copper
C
Stainless Steel
N
Nickel Copper
L
ArmorLite™
D
Dacron
m
Nomex
e
AmberStrand® 100%
F
AmberStrand® 75%/25%
Packaging
121-191 braided and jacketed conduit is typically supplied in 50 foot lengths. Longer lengths
are available—consult factory for additional information. Unless otherwise specified,
Glenair packages optimal lengths of product based on weight, size, and commercial carrier
specifications. If necessary, consult factory for additional information on package weight
restrictions.


Similar Part No. - 121-191-40VNH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-190 GLENAIR-121-190 Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-190-09SC GLENAIR-121-190-09SC Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-190-09SD GLENAIR-121-190-09SD Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-190-09SE GLENAIR-121-190-09SE Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-190-09SF GLENAIR-121-190-09SF Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
More results

Similar Description - 121-191-40VNH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
667-347 GLENAIR-667-347 Datasheet
286Kb / 1P
   Annular Convoluted Tubing with Double External Braid and Jacket
121-193 GLENAIR-121-193 Datasheet
196Kb / 1P
   Annular Convoluted Tubing with Double External Braid and Jacket
121-190 GLENAIR-121-190 Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-192 GLENAIR-121-192 Datasheet
188Kb / 1P
   Annular Convoluted Tubing with Double External Braid
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
120-001 GLENAIR-120-001 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-014 GLENAIR-121-014 Datasheet
119Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-001-09 GLENAIR-121-001-09 Datasheet
121Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-003-09 GLENAIR-121-003-09 Datasheet
117Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-007-09E GLENAIR-121-007-09E Datasheet
114Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com