Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42764GV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE42764GV
Description  Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42764GV Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE42764GV Datasheet HTML 1Page - Infineon Technologies AG TLE42764GV Datasheet HTML 2Page - Infineon Technologies AG TLE42764GV Datasheet HTML 3Page - Infineon Technologies AG TLE42764GV Datasheet HTML 4Page - Infineon Technologies AG TLE42764GV Datasheet HTML 5Page - Infineon Technologies AG TLE42764GV Datasheet HTML 6Page - Infineon Technologies AG TLE42764GV Datasheet HTML 7Page - Infineon Technologies AG TLE42764GV Datasheet HTML 8Page - Infineon Technologies AG TLE42764GV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLE42764
Pin Configuration
Data Sheet
5
Rev. 1.2, 2011-02-15
3.3
Pin Assignment PG-SSOP-14 exposed pad
Figure 3
Pin Configuration (top view)
3.4
Pin Definitions and Functions PG-SSOP-14 exposed pad
Pin No.
Symbol Function
1, 3, 5-7
n.c.
non connected
can be open or connected to GND
2EN
Enable Input
high level input signal enables the IC;
low level input signal disables the IC;
integrated pull-down resistor
4GND
Ground
8, 10-12, 14
n.c.
non connected
can be open or connected to GND
9Q
Output
block to ground with a capacitor close to the IC terminals, respecting the values given
for its capacitance and ESR in “Functional Range” on Page 7
13
I
Input
block to ground directly at the IC with a ceramic capacitor
Exposed Pad
Exposed Pad
connect to GND and heatsink area
n.c.
n.c.
Q
n.c.
n.c.
n.c.
I
n.c.
n.c.
n.c.
n.c.
GND
n.c.
EN
1
2
3
4
5
6
7
14
9
10
11
12
13
8
PINCONFIG_SSOP-14.SVG


Similar Part No. - TLE42764GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764GV INFINEON-TLE42764GV Datasheet
424Kb / 17P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764GV INFINEON-TLE42764GV Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
TLE42764GV50 INFINEON-TLE42764GV50 Datasheet
424Kb / 17P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764GV INFINEON-TLE42764GV_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
More results

Similar Description - TLE42764GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com