Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1394B-3SYG-S530-E2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # A1394B-3SYG-S530-E2
Description  3mm 3Pcs Circuit Board Indicator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A1394B-3SYG-S530-E2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  A1394B-3SYG-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A1394B-3SYG-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A1394B-3SYG-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A1394B-3SYG-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A1394B-3SYG-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A1394B-3SYG-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3mm 3Pcs Circuit Board Indicator
Packing Quantity Specification
1.160PCS/1Plate,4Plate/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE:Dominant Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
The product itself will remain within RoHS compliant version
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
'REV.:
1
6 0f 6
Device Number :
DAE-0000150
Prepared date:
2009/5/20
Prepared by:
li ming
A1394B/3SYG/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com
RoH S
Pb
X
EV ERLIG HT
A1394B/3SYG/S530-E2


Similar Part No. - A1394B-3SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A1394B-3SYG-S530-E2 EVERLIGHT-A1394B-3SYG-S530-E2_15 Datasheet
127Kb / 6P
   3mm 3Pcs Circuit Board Indicator
More results

Similar Description - A1394B-3SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A1394B-3SYG-S530-E2 EVERLIGHT-A1394B-3SYG-S530-E2_15 Datasheet
127Kb / 6P
   3mm 3Pcs Circuit Board Indicator
logo
Bedford Opto Technology...
ORE9801 BOT-ORE9801 Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9601 BOT-ORE9601 Datasheet
57Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
logo
Everlight Electronics C...
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2794B-UTCSUBC-S400-A4 EVERLIGHT-A2794B-UTCSUBC-S400-A4 Datasheet
132Kb / 8P
   3mm 2Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A3724B-SUR-S530-A3 EVERLIGHT-A3724B-SUR-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4254B-SUR-S530-A3 EVERLIGHT-A4254B-SUR-S530-A3 Datasheet
105Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com