Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELST-405SURWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELST-405SURWA
Description  0.39" Triple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELST-405SURWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELST-405SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELST-405SURWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Data Sheet
0.39" Triple Digit SMD Displays
ELST-405SURWA/S530-A3/S290
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page 3 of 8
Device No.: DDF-0000416
Prepared date: 2009/07/08
Prepared by: Sun Li
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Forward Voltage
VF
--
2.0
2.4
V
IF=20mA
Reverse Current
IR
--
--
10
μ
A
VR=5V
Per segment
7.8
16.40
--
Luminous
Intensity
Per decimal
point
IV
2.8
5.90
--
mcd
IF=10mA
Peak Wavelength
λp
--
632
--
nm
IF=20mA
Dominant Wavelength
λd
--
624
--
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
--
20
--
nm
IF=20mA
Bin Range of Luminous Intensity (Unit: mcd)
Rank
Min.
Max.
Rank
Min.
Max.
Q
7.8
12.5
T
21.0
34.0
R
11.0
17.6
U
30.0
48.0
S
15.0
24.0
--
--
--


Similar Part No. - ELST-405SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-405SYGWA EVERLIGHT-ELST-405SYGWA Datasheet
204Kb / 8P
   0.39 Triple Digit SMD Displays
ELST-405SYGWA/S530-E2 EVERLIGHT-ELST-405SYGWA/S530-E2 Datasheet
204Kb / 8P
   0.39 Triple Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com