Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5013 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N5013
Description  NPN TO-39/TO-5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N5013 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N5013 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N5013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5013 ETC-2N5013 Datasheet
284Kb / 6P
   0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Seme LAB
2N5013 SEME-LAB-2N5013 Datasheet
11Kb / 1P
   Bipolar NPN Device
logo
Solid States Devices, I...
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
   0.5 AMP 800 - 1000 Volts NPN Transistor
logo
Microsemi Corporation
2N5013 MICROSEMI-2N5013 Datasheet
51Kb / 3P
   NPN SILICON TRANSISTOR
2N5013 MICROSEMI-2N5013 Datasheet
60Kb / 4P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N5013

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N696 CENTRAL-2N696 Datasheet
140Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-39 CASE
logo
Marktech Corporate
MTE3650L2-UV-HP MARKTECH-MTE3650L2-UV-HP Datasheet
921Kb / 3P
   Hermetically Sealed TO-39
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
   SAW Filter 480MHz TO-39
logo
List of Unclassifed Man...
2SD1553 ETC1-2SD1553 Datasheet
137Kb / 1P
   TO-39(H) PACKAGE SERIES
logo
TAI-SAW TECHNOLOGY CO.,...
TB480F3 TAI-SAW-TB480F3 Datasheet
204Kb / 4P
   SAW Filter 479.5MHz TO-39
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
   SAW Filter 479.5MHz TO-39
TB480G3 TAI-SAW-TB480G3 Datasheet
205Kb / 4P
   SAW Filter 479.5MHz TO-39
logo
Motorola, Inc
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
   CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
TAI-SAW TECHNOLOGY CO.,...
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
   SAW Resonator 316 MHz TO-39
TB433E2 TAI-SAW-TB433E2 Datasheet
184Kb / 4P
   SAW Filter 433.92 MHz TO-39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com