Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2217 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N2217
Description  Diode TP-39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N2217 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N2217 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N2217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N2210 ETC1-2N2210 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
STMicroelectronics
2N2218 STMICROELECTRONICS-2N2218 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2218 FAIRCHILD-2N2218 Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2218 SEME-LAB-2N2218 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package.
More results

Similar Description - 2N2217

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2985204 PHOENIX-2985204 Datasheet
103Kb / 3P
   TP 15T
logo
Siemens Semiconductor G...
TP-UART SIEMENS-TP-UART Datasheet
378Kb / 26P
   TP-UART-IC
logo
Advantech Co., Ltd.
ADAM-5510EKWTP ADVANTECH-ADAM-5510EKWTP Datasheet
69Kb / 1P
   ADAM-5510EKW-TP
logo
Micro Commercial Compon...
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
   100 mW Zener Diode 2.7 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
DB Lectro Inc
BPT-39 DBLECTRO-BPT-39 Datasheet
88Kb / 1P
   BPT-39
logo
Micro Commercial Compon...
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com