Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ72AL Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BUZ72AL
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ72AL Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BUZ72AL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 8Page - Siemens Semiconductor Group BUZ72AL Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 72 AL
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0.0
1.0
2.0
3.0
4.0
5.0
V
7.0
V
DS
0
2
4
6
8
10
12
14
16
A
20
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
5.5
i
i
6.0
j
j
7.0
k
k
8.0
l
Ptot = 40W
l
10.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
2
4
6
8
10
12
14
A
17
I
D
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.80
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
2.5
VGS [V] =
a
a
3.0
b
b
3.5
c
c
4.0
d
d
4.5
e
e
5.0
f
f
5.5
g
g
6.0
h
h
7.0
i
i
8.0
j
j
10.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
2
4
6
8
10
12
14
16
18
20
22
24
26
A
30
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
4
8
12
16
20
A
28
I
D
0
1
2
3
4
5
6
7
8
9
10
S
12
g
fs


Similar Part No. - BUZ72AL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ72AL INFINEON-BUZ72AL Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Similar Description - BUZ72AL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com