Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C501G-LP Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB-C501G-LP
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C501G-LP Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB-C501G-LP Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C501G-LP Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Semiconductor Group
9
1997-04-01
C501
P3.0 – P3.7 11,
13–19
11
13
14
15
16
17
18
19
10–17
10
11
12
13
14
15
16
17
5, 7–13
5
7
8
9
10
11
12
13
I/O
Port 3
is a quasi-bidirectional I/O port with
internal pull-up resistors. Port 3 pins that
have 1s written to them are pulled high by
the internal pull-up resistors, and in that
state they can be used as inputs. As
inputs, port 3 pins being externally pulled
low will source current (
I
IL, in the DC
characteristics) because of the internal
pull-up resistors. Port 3 also contains the
interrupt, timer, serial port 0 and external
memory strobe pins which are used by
various options. The output latch
corresponding to a secondary function
must be programmed to a one (1) for that
function to operate.
The secondary functions are assigned to
the pins of port 3, as follows:
P3.0
R
×D receiver data input (asyn-
chronous) or data input
output (synchronous) of
serial interface 0
P3.1
T
×D
transmitter data output
(asynchronous) or clock
output (synchronous) of
the serial interface 0
P3.2
INT0
interrupt 0 input/timer 0
gate control
P3.3
INT1
interrupt 1 input/timer 1
gate control
P3.4
T0
counter 0 input
P3.5
T1
counter 1 input
P3.6
WR
the write control signal lat-
ches the data byte from
port 0 into the external
data memory
P3.7
RD
the read control signal
enables the external data
memory to port 0
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44


Similar Part No. - SAB-C501G-LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C503 SIEMENS-SAB-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1R20N SIEMENS-SAB-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1RN SIEMENS-SAB-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-L20N SIEMENS-SAB-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-LN SIEMENS-SAB-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C501G-LP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com