Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C501G-L24P Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # SAF-C501G-L24P
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C501G-L24P Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SAF-C501G-L24P Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 11Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 12Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 13Page - Siemens Semiconductor Group SAF-C501G-L24P Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
C501
Semiconductor Group
10
1997-04-01
XTAL2
20
18
14
XTAL2
Output of the inverting oscillator
amplifier.
XTAL1
21
19
15
XTAL1
Input to the inverting oscillator amplifier
and input to the internal clock generator
circuits.
To drive the device from an external
clock source, XTAL1 should be driven,
while XTAL2 is left unconnected. There
are no requirements on the duty cycle of
the external clock signal, since the input
to the internal clocking circuitry is divided
down by a divide-by-two flip-flop.
Minimum and maximum high and low
times as well as rise fall times specified
in the AC characteristics must be
observed.
P2.0 – P2.7 24–31
21–28
18–25
I/O
Port 2
is a quasi-bidirectional I/O port with
internal pull-up resistors. Port 2 pins that
have 1s written to them are pulled high
by the internal pull-up resistors, and in
that state they can be used as inputs. As
inputs, port 2 pins being externally pulled
low will source current (
I
IL, in the DC
characteristics) because of the internal
pull-up resistors. Port 2 emits the high-
order address byte during fetches from
external program memory and during
accesses to external data memory that
use 16-bit addresses (MOVX @DPTR).
In this application it uses strong internal
pull-up resistors when issuing 1s. During
accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port
2 issues the contents of the P2 special
function register.
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44


Similar Part No. - SAF-C501G-L24P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAF-C503 SIEMENS-SAF-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1R20N SIEMENS-SAF-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1RN SIEMENS-SAF-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-L20N SIEMENS-SAF-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-LN SIEMENS-SAF-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAF-C501G-L24P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com