Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61-238XK2C-SXXXXXXXXXX-ET Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 61-238XK2C-SXXXXXXXXXX-ET
Description  Low Power LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-238XK2C-SXXXXXXXXXX-ET Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 9Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 10Page - Everlight Electronics Co., Ltd 61-238XK2C-SXXXXXXXXXX-ET Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATASHEET
SMD Low Power LED
61-238/XK2C-SXXXXXXXXXX/ET
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : 06-Apr.-2011. Issue No: v1
Device No: DSE-000
www.everlight.com
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
Bin Code
CIE_x
CIE_y
0.4006
0.4044
0.3828
0.3803
0.3871
0.3959
0.3703
0.3726
0.3828
0.3803
0.3670
0.3578
40K-1
0.3952
0.3880
40K-3
0.3784
0.3647
0.3871
0.3959
0.3952
0.3880
0.3736
0.3874
0.3828
0.3803
0.3703
0.3726
0.3784
0.3647
4000K
40K-2
0.3828
0.3803
40K-4
0.3898
0.3716
0.4562
0.4260
0.4345
0.4033
0.4431
0.4213
0.4223
0.3990
0.4345
0.4033
0.4147
0.3814
30K-1
0.4468
0.4077
30K-3
0.4260
0.3854
0.4431
0.4213
0.4468
0.4077
0.4299
0.4165
0.4345
0.4033
0.4223
0.3990
0.4260
0.3854
3000K
30K-2
0.4345
0.4033
30K-4
0.4373
0.3893
Note:
Tolerance of Chromaticity Coordinates: ±0.01


Similar Part No. - 61-238XK2C-SXXXXXXXXXX-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
More results

Similar Description - 61-238XK2C-SXXXXXXXXXX-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com