Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM04H-P05-35K-N51-TR Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # LM04H-P05-35K-N51-TR
Description  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-35K-N51-TR Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button LM04H-P05-35K-N51-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
10 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Neutral-White Bin Structure
Neutral-White Bin Coordinates
4000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.387
0.396
0.374
0.387
0.383
0.380
0.370
0.373
0.395
0.388
0.383
0.380
40K-1
0.401
0.404
40K-2
0.387
0.396
Reference Range: 3710~4000K
Reference Range: 4000~4260K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.383
0.380
0.370
0.373
0.378
0.365
0.367
0.358
0.390
0.372
0.378
0.365
40K-4
0.395
0.388
40K-3
0.383
0.380
Reference Range: 3710~4000K
Reference Range: 4000~4260K
4500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.364
0.381
0.355
0.374
0.362
0.366
0.353
0.360
0.370
0.373
0.362
0.366
45K-1
0.374
0.387
45K-2
0.364
0.381
Reference Range: 4260~4500K
Reference Range: 4500~4745K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.362
0.366
0.353
0.360
0.359
0.352
0.351
0.347
0.367
0.358
0.359
0.352
45K-4
0.370
0.373
45K-3
0.362
0.366
Reference Range: 4260~4500K
Reference Range: 4500~4745K


Similar Part No. - LM04H-P05-35K-N51-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
LM04H-P05-35K-N51-TR EVERLIGHT-LM04H-P05-35K-N51-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

Similar Description - LM04H-P05-35K-N51-TR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com