Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR04AM-12A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR04AM-12A
Description  Thyristor Low Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR04AM-12A Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR04AM-12A Datasheet HTML 1Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 2Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 3Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 4Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 5Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 6Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 7Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 8Page - Renesas Technology Corp CR04AM-12A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS0636EJ0100 Rev.1.00
Page 1 of 8
Jan 16, 2012
Preliminary Datasheet
CR04AM-12A
Thyristor
Low Power Use
Features
 I
T (AV) : 0.4 A
 V
DRM : 600 V
 I
GT: 100 A
 Planar Type
Outline
2
1
3
PRSS0003EA-A
(Package name: TO-92*)
RENESAS Package code:
1. Cathode
2. Anode
3. Gate
3
1
2
PRSS0003DE-A
(Package name: TO-92(3))
3
1
2
Applications
Solid state relay, igniter, strobe flasher, circuit breaker, and general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse voltage
VRSM
720
V
DC reverse voltage
VR(DC)
480
V
Repetitive peak off-state voltage
Note1
VDRM
600
V
DC off-state voltage
Note1
VD(DC)
480
V
Notes: 1. With gate to cathode resistance RGK=1 k
R07DS0636EJ0100
Rev.1.00
Jan 16, 2012


Similar Part No. - CR04AM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR04AM-12A RENESAS-CR04AM-12A_15 Datasheet
120Kb / 9P
   600V - 0.4A - Thyristor Low Power Use
More results

Similar Description - CR04AM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com