Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HITJ0203MP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HITJ0203MP
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0203MP Datasheet(HTML) 6 Page - Renesas Technology Corp

  HITJ0203MP Datasheet HTML 1Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 2Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 3Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 4Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 5Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 6Page - Renesas Technology Corp HITJ0203MP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HITJ0203MP
Preliminary
R07DS0475EJ0100 Rev.1.00
Page 6 of 6
Jun 22, 2011
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
0.011g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MPAK
Ordering Information
Orderable Part Number
Quantity
Shipping Container
HITJ0203MPTL-HQ
3000 pcs.
178 mm reel, 8 mm Emboss taping
Note:
This product is designed for consumer use and not for automotive.


Similar Part No. - HITJ0203MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0203MPTL-HQ RENESAS-HITJ0203MPTL-HQ Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0203MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com