Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCD8C60 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WCD8C60
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WCD8C60 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WCD8C60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD8C60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD8C60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD8C60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD8C60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W
W
W
WCD8C60
CD8C60
CD8C60
CD8C60
Rev.A Oct.2010
Silicon
Silicon
Silicon
Silicon Controlled
Controlled
Controlled
Controlled Rectifiers
Rectifiers
Rectifiers
Rectifiers
Features
Repetitive Peak Off-State Voltage:600V
R.M.S On-State Current (IT(RMS)=8A)
Low On-State Voltage(1.4(Typ.)@ITM)
Isolation Voltage(VISO=1500V AC)
General Description
Standard gate triggering SCR is fully isolated package suitable for the
application where requiring high bidirectional blocking voltage
capability and also suitable for over voltage protection ,motor control
circuit in power tool, inrush current limit circuit and heating control
system.
Absolute Maximum Ratings (T
J
= 25°C unless otherwise specified)
Symbol
Parameter
Value
Units
VDRM/VRRM
Repetitive Peak Off-State Voltage
(Note(1)
600
V
IT(AV)
Average On-State Current(180° Conduction Angle)
TI =85 °C
5
A
IT(RMS)
R.M.S On-State Current(180° Conduction Angle)
TI =85 °C
8
A
ITSM
Non Repetitive Surge Peak on-state Current
tp=8.3ms
73
A
tp=10ms
70
I2t
I2t Valuefor Fusing
tp=8.3ms
24.5
A2s
di/dt
Critical rate of rise of on-state current
ITM=2A;IG=10mA; dIG/dt=100A/µs
TJ=125 °C
50
A/㎲
PG(AV)
Average Gate Power Dissipation
TJ=125 °C
1
W
IFGM
Peak Gate Current
TJ=125 °C
4
A
VRGM
Reverse Peak Gate Voltage
TJ=125 °C
5
V
VISO
Isolation Breakdown voltage(R.M..S)
A,C.1minute
1500
V
TJ
Junction Temperature
-40~125
°C
TSTG
Storage Temperature
-40~150
°C
Note1:Although not recommended,off-state Voltages up to 800V may be applied without damage,but the thyristor may
switch to the on-stage.The rate of rise of current should not exceed15A/µs.
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RθJc
Thermal Resistance Junction to Case
-
-
20
℃/W
RθJA
Thermal Resistance Junction to Ambient
-
-
70
℃/W


Similar Part No. - WCD8C60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WCD8C60S WINSEMI-WCD8C60S Datasheet
463Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - WCD8C60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com