Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C167CR-LM Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SAF-C167CR-LM
Description  16-Bit CMOS Single-Chip Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C167CR-LM Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SAF-C167CR-LM Datasheet HTML 2Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C167CR-LM Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
C167CR
Semiconductor Group
3
Introduction
The C167CR is a new derivative of the Siemens C16x Family of full featured single-chip CMOS
microcontrollers. It combines high CPU performance (up to 10 million instructions per second) with
high peripheral functionality and enhanced IO-capabilities. It also provides on-chip high-speed RAM
and clock generation via PLL.
Figure 1
Logic Symbol
Ordering Information
Type
Ordering Code
Package
Function
SAB-C167CR-LM
Q67121-C942
P-MQFP-144-1
16-bit microcontroller with
2
× 2 KByte RAM
Temperature range 0 to + 70
°C
SAF-C167CR-LM
Q67121-C946
P-MQFP-144-1
16-bit microcontroller with
2
× 2 KByte RAM
Temperature range
− 40 to + 85 °C
SAK-C167CR-LM
Q67121-C967
P-MQFP-144-1
16-bit microcontroller with
2
× 2 KByte RAM
Temperature range
− 40 to + 125 °C
C167CR


Similar Part No. - SAF-C167CR-LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C167CR-LM INFINEON-SAF-C167CR-LM Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results

Similar Description - SAF-C167CR-LM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com