Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C504-LM Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAB-C504-LM
Description  8-Bit CMOS Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C504-LM Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAB-C504-LM Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C504-LM Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
C504
Semiconductor Group
8
P3.0-P3.7
5, 7-13
5
7
8
9
10
11
12
13
I/O
Port 3
is an 8-bit bidirectional port. P3.0 (R
×D) and P3.1 (T×D)
operate as defined for the C501. P3.2 to P3.7 contain the
external interrupt inputs, timer inputs, input and as an
additional optinal function four of the analog inputs of the
A/D-converter. Port 3 pins are assigned to be used as
analog inputs via the bits of SFR P3ANA.
P3.6/WR can be assigned as a third interrupt input. The
functions are assigned to the pins of port 3 as follows:
P3.0 / RxD
Receiver data input (asynch.) or data
input/output (synch.) of serial
interface
P3.1 / TxD
Transmitter data output (asynch.) or
clock output (synch.) of serial
interface
P3.2 / AN4 / INT0
Analog input channel 4 / external
interrupt 0 input / timer 0 gate control
input
P3.3 / AN5 / INT1
Analog input channel 5 / external
interrupt 1 input / timer 1 gate control
input
P3.4 / AN6 / T0
Analog input channel 6 / timer 0
counter input
P3.5 / AN7 / T1
Analog input channel 7 / timer 1
counter input
P3.6 / WR / INT2
WR control output; latches the data
byte from port 0 into the external data
memory /
external interrupt 2 input
P3.7 / RD
RD control output; enables the
external data memory
CTRAP
6
I
CCU Trap Input
With CTRAP = low the compare outputs of the CAPCOM
unit are switched to the logic level as defined in the COINI
register (if they are enabled by the bits in SFR TRCON).
CTRAP is an input pin with an internal pullup resistor. For
power saving reasons, the signal source which drives the
CTRAP input should be at high or floating level during
power-down mode.
*)
I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
*)
Function


Similar Part No. - SAB-C504-LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C504 INFINEON-SAB-C504 Datasheet
1Mb / 71P
   8-Bit Single-Chip Microcontroller
May 2000
More results

Similar Description - SAB-C504-LM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com