Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C509-LM Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAF-C509-LM
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C509-LM Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAF-C509-LM Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C509-LM Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
C509-L
Semiconductor Group
6
P9.0 - P9.7
74-77,
5-2
I/O
Port 9
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 9 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 9 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 9 can also be switched into a bidirectional mode, in
which CMOS levels are provided. In this bidirectional
mode, each port 1 pin can be programmed individually
as input or output.
Port 9 also serves alternate compare functions. The out-
put latch corresponding to a secondary function must be
programmed to a one (1) for that function to operate.
The secondary functions are assigned to the pins of
port 9 as follows :
P9.0-P9.7 CC10-CC17
Compare/capture channel 0-7
output/input
XTAL2
12
XTAL2
is the input to the inverting oscillator amplifier and input
to the internal clock generator circuits.
When supplying the C509-L with an external clock
source, XTAL2 should be driven, while XTAL1 is left
unconnected. A duty cycle of 0.4 to 0.6 of the clock
signal is required. Minimum and maximum high and low
times as well as rise/fall times specified in the AC
characteristics must be observed.
XTAL1
13
XTAL1
Output of the inverting oscillator amplifier. This pin is
used for the oscillator operation with crystal or ceramic
resonartor
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function


Similar Part No. - SAF-C509-LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C509-LM INFINEON-SAF-C509-LM Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
09.96
More results

Similar Description - SAF-C509-LM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com