Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF20D100 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WSF20D100
Description  Power Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WSF20D100 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WSF20D100 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WSF20D100 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WSF20D100 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WSF20D100 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WSF20D100 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
W
W
W
WS
S
S
SF
F
F
F20D
20D
20D
20D1
1
1
10
0
0
00
0
0
0
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
2/5
Electrical Characteristics (per diode)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse leakage current
I
R
VR = VRRM
Tj = 25°C
-
-
10
μA
Tj = 125°C
-
5
mA
Forward voltage drop
V
F
IF= 10A
Tj = 25°C
-
0.78
0.85
V
Tj = 125°C
-
0.65
0.7


Similar Part No. - WSF20D100

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
   Power switching application
WSF20N06 WIINSOK-WSF20N06 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF20N15 WIINSOK-WSF20N15 Datasheet
881Kb / 7P
   N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF20N15 DOINGTER-WSF20N15 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - WSF20D100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com