Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C509-L Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAF-C509-L
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C509-L Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAF-C509-L Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 11Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 12Page - Siemens Semiconductor Group SAF-C509-L Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
C509-L
Semiconductor Group
8
P0.0 – P0.7
26, 27,
30-35
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port 0 pins
that have 1s written to them float, and in that state can be
used as high-impendance inputs. Port 0 is also the
multiplexed low-order address and data bus during
accesses to external program or data memory. In this
operating mode it uses strong internal pullup resistors
when issuing 1 s.
P0.0 - P0.7
AD0-AD7
Address/data lines 0 - 7
HWPD
36
I
Hardware Power Down
A low level on this pin for the duration of one machine
cycle while the oscillator is running resets the C509-L.
A low level for a longer period will force the part to power
down mode with the pins floating. There is no internal
pullup resistor connected to this pin.
P5.0 - P5.7
44-37
I/O
Port 5
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 5 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 5 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 5 can also be switched into a bidirectional mode, in
which CMOS levels are provided. In this bidirectional
mode, each port 5 pin can be programmed individually
as input or output.
Port 5 also serves as alternate function for “Concurrent
Compare” and "Set/Reset compare” functions. The
output latch corresponding to a secondary function must
be programmed to a one (1) for that function to operate.
The secondary functions are assigned to the pins of port
5 as follows :
P5.0 - P5.7
CCM0-CCM7
Concurrent Compare
or Set/Reset lines 0 - 7
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function


Similar Part No. - SAF-C509-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C509-LM INFINEON-SAF-C509-LM Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
09.96
More results

Similar Description - SAF-C509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com