Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C515-1R24M Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SAF-C515-1R24M
Description  8-Bit CMOS Microcontroller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C515-1R24M Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SAF-C515-1R24M Datasheet HTML 1Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 2Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C515-1R24M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
C515
Semiconductor Group
4
1997-08-01
Features (cont’d):
8-bit A/D converter
– 8 multiplexed analog inputs
– Programmable reference voltages
16-bit watchdog timer
Power saving modes
– Idle mode
– Slow down mode (can be combined with idle mode)
– Software power-down mode
12 interrupt sources (7 external, 5 internal) selectable at four priority levels
On-chip emulation support logic (Enhanced Hooks Technology TM)
ALE switch-off capability
P-MQFP-80-1 package
Temperature Ranges : SAB-C515
T
A = 0 to 70 °C
SAF-C515
T
A = -40 to 85 °C
SAH-C515
T
A = -40 to 110 °C
(max. operating frequency: 16 MHz)
The C515 is an upward compatible version of the SAB 80C515A 8-bit microcontroller which
additionally provides ALE switch-off capability, on-chip emulation support, ROM protection, and
slow down mode capability. With a maximum external clock rate of 24 MHz it achieves a 500 ns
instruction cycle time (1
µs at 12 MHz). The C515 is mounted in a P-MQFP-80 package.
Note: Versions for extended temperature ranges – 40 ˚C to 110 ˚C (SAH-C515C-LM and SAH-
C515-1RM) are available on request. The ordering number of ROM types (DXXXX
extensions) is defined after program release (verification) of the customer.
Ordering Information
Type
Ordering Code
Package
Description
(8-Bit CMOS microcontroller)
SAB-C515-1RM
SAB-C515-1R24M
Q67127-DXXXX
Q67127-DXXXX
P-MQFP-80-1
P-MQFP-80-1
with mask programmable ROM (16 MHz)
with mask programmable ROM (24 MHz)
SAF-C515-1RM
Q67127-DXXXX P-MQFP-80-1 with mask programmable ROM (16 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAF-C515-1R24M Q67127-DXXXX P-MQFP-80-1 with mask programmable ROM (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAB-C515-LM
SAB-C515-L24M
Q67127-C1030
Q67127-C1032
P-MQFP-80-1
P-MQFP-80-1
for external memory (16 MHz)
for external memory (24 MHz
SAF-C515-LM
Q67127-C1031
P-MQFP-80-1 for external memory (16 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAF-C515-L24M
Q67127-C1081
P-MQFP-80-1 for external memory (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C


Similar Part No. - SAF-C515-1R24M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C515-1R24M INFINEON-SAF-C515-1R24M Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
More results

Similar Description - SAF-C515-1R24M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com