Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20113ASP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20113ASP
Description  Critical Conduction Mode PFC Control IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20113ASP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20113ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 10Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 11Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 12Page - Renesas Technology Corp R2A20113ASP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
R2A20113ASP
Preliminary
R03DS0026EJ0300 Rev.3.00
Page 9 of 12
Nov 02, 2011
4. Overvoltage Protection (OVP)
VFB
OUT
COMP
Hys-sovp: 100mV
Vsovp: Vfb
× 1.09V
OUT OFF
(Internal signal)
5. FB Low Detection
VFB
OUT
0.3V (Vfblow)
0.5V (Vfblow + Hysfblow)
FB LOW
(Internal signal)
COMP


Similar Part No. - R2A20113ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASPW5 RENESAS-R2A20113ASPW5 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results

Similar Description - R2A20113ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com