Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114AFPW5 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20114AFPW5
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPW5 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20114AFPW5 Datasheet HTML 5Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 6Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 9Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 10Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 11Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 12Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 9 of 16
Aug 29, 2011
Electrical Characteristics
(cont.)
(Ta = 25°C, VCC = 12 V, CT = 1000 pF, RT = 27 k
, CS1, CS2 = GND, IRAMP = 10 k, BO = 1 V, VAC = 0 V,
RS = 220 k
, FMC = GND (*1), FM = GND (*2), FB = COMP)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
SYNC threshold voltage
(rising)
Vsync
2.0
2.5
3.0
V
SYNC Min. pulse
Psync
2
s
SYNC-OUT shunt current
(*
1)
Isync-s
5.0
mA
Synchroni-
zation
SYNC-OUT leakage current
(*
1)
Isync-l
1.0
A
RS output voltage 1
Vrs1
0.42
0.51
0.6
V
VAC = 0 V, VOVP2 = 2.5 V
RS output voltage 2
Vrs2
–0.1
0
0.1
V
VAC = 2.5 V, VOVP2 = 0 V
Current
slope
VAC bias current
Ivac
–0.8
–0.5
–0.2
A
Measured pin: VAC
Soft start
Source current
Iss
–40
–28
–16
A
SS = 2 V
Phase drop threshold
voltage (*
1)
Vpd
2.4
2.5
2.6
V
Phase drop hysteresis (*
1)
Hya-pd
150
200
250
mV
Phase drop
PD bias current (*
1)
Ipd
0.05
0.2
0.5
A
Measured pin: PD
CSO offset voltage1
Voffset
0.68
0.88
1.0
V
Vcs = 0 V
CSO offset voltage2
Vcaoh
2.83
3
3.17
V
Vcs = 0.24 V
AMP1, 2
CS Bias current
Ics-r
–0.4
–0.2
–0.05
A
Measured pin: CS1, 2
Gate drive rise time
tr-gd
30
100
ns
CL = 500 pF
Gate drive fall time
tf-gd
30
100
ns
CL = 500 pF
Vol1-gd
0.05
0.2
V
Isink = 10 mA
Gate drive low voltage
Vol2-gd
1
1.25
V
Isink = 0.25 mA, VCC = 5 V
Gate drive high voltage
Voh-gd
11.5
11.9
V
Isource = –10 mA
Minimum duty cycle
Dmin-out
0
%
Gate drive
1, 2
Maximum duty cycle
Dmax-out
90
95
98
%
Dynamic OVP Threshold
voltage
Vdovp
VFB
1.025
VFB
1.040
VFB
1.055
V
Static OVP Threshold
voltage
Vsovp
VFB
1.065
VFB
1.080
VFB
1.095
V
COMP = OPEN
Static OVP Hysteresis
Hys-sovp
30
80
130
mV
COMP = OPEN
OVP2 Threshold voltage (*
1)
Vovp2
VFB
1.065
VFB
1.080
VFB
1.095
A
OVP2 Hysteresis (*
1)
Hys-ovp2
30
80
130
mV
COMP = OPEN
OVP2 Bias current (*
1)
Iovp2
–0.8
–0.5
–0.2
A
Measured pin: OVP2
FB Open Detect Threshold
voltage
Vfbopen
0.45
0.5
0.55
V
Over
voltage
protection
FB Open Detect hysteresis
Vfbopen
0.16
0.2
0.24
V
OCP Threshold voltage (*
1)
VCL
0.28
0.31
0.34
V
Over
current
protection
Delay to output
td-CL
100
250
ns
Notes: *1 Applied to R2A20114AFP
*2 Applied to R2A20114ASP


Similar Part No. - R2A20114AFPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFPW5 RENESAS-R2A20114AFPW5 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW5 RENESAS-R2A20114AFPW5 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20114AFPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com