Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C505-LM Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAB-C505-LM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C505-LM Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAB-C505-LM Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C505-LM Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Semiconductor Group
8
1997-12-01
C505 / C505C
C505A / C505CA
Table 3
Pin Definitions and Functions
Symbol
Pin Number
I/O
*)
Function
P1.0-P1.7
40-44,1-3
40
41
42
43
44
1
2
3
I/O
Port 1
is an 8-bit quasi-bidirectional port with internal pull-up ar-
rangement. Port 1 pins can be used for digital input/output
or as analog inputs of the A/D converter. Port 1 pins that
have 1’s written to them are pulled high by internal pull-up
transistors and in that state can be used as inputs. As in-
puts, port 1 pins being externally pulled low will source cur-
rent (
IIL, in the DC characteristics) because of the internal
pullup transistors. Port 1 pins are assigned to be used as
analog inputs via the register P1ANA.
As secondary digital functions, port 1 contains the interrupt,
timer, clock, capture and compare pins. The output latch
corresponding to a secondary function must be pro-
grammed to a one (1) for that function to operate (except for
compare functions). The secondary functions are assigned
to the pins of port 1 as follows:
P1.0 / AN0 / INT3 / CC0
Analog input channel 0
interrupt 3 input /
capture/compare channel 0 I/O
P1.1 / AN1 / INT4 / CC1
Analog input channel 1/
interrupt 4 input /
capture/compare channel 1 I/O
P1.2 / AN2 / INT5 / CC2
Analog input channel 2 /
interrupt 5 input /
capture/compare channel 2 I/O
P1.3 / AN3 / INT6 / CC3
Analog input channel 3
interrupt 6 input /
capture/compare channel 4 I/O
P1.4 / AN4
Analog input channel 4
P1.5 / AN5 / T2EX
Analog input channel 5 / Timer 2
external reload / trigger input
P1.6 / AN6 / CLKOUT
Analog input channel 6 /
system clock output
P1.7 / AN7 / T2
Analog input channel 7 /
counter 2 input
Port 1 is used for the low-order address byte during program
verification of the C505-2R and C505C-2R.
*) I = Input
O = Output


Similar Part No. - SAB-C505-LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C505 INFINEON-SAB-C505 Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
SAB-C505L INFINEON-SAB-C505L Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
More results

Similar Description - SAB-C505-LM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com