Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF750 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CF750
Description  GaAs MMIC (Biased Dual Gate GaAs FET)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CF750 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CF750 Datasheet HTML 1Page - Siemens Semiconductor Group CF750 Datasheet HTML 2Page - Siemens Semiconductor Group CF750 Datasheet HTML 3Page - Siemens Semiconductor Group CF750 Datasheet HTML 4Page - Siemens Semiconductor Group CF750 Datasheet HTML 5Page - Siemens Semiconductor Group CF750 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GaAs MMIC
CF 750
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/6
12.01.96
HL EH PD 21
Output characteristics ID = f (VDGND) at nominal operating point; S not
connected.
0
1
2
3
4
5
6
7
8
VDGND [V]
0.5
1.0
1.5
2.0
ID [mA]
VGGND = 0V
-0.2V
-0.4V
-0.6V
-0.8V
-1.0V
Output characteristics ID = f (VDS), S connected to GND.
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
ID [mA]
VGS=0V
VGS=-0.2V
VGS=-0.4V
VGS=-0.6V
VGS=-0.8V
VGS=-1.0V
VDS [V]


Similar Part No. - CF750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Microchip Technology
CF745 MICROCHIP-CF745 Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
logo
Okaya Electric America,...
CF78MPP225 OKAYA-CF78MPP225 Datasheet
309Kb / 1P
   SNUBBER CAPACITOR
logo
Satco Products, Inc.
CF7DS/827 SATCO-CF7DS/827 Datasheet
123Kb / 1P
   7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
CF7DS/835 SATCO-CF7DS/835 Datasheet
123Kb / 1P
   7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
More results

Similar Description - CF750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Mimix Broadband
CF007-01 MIMIX-CF007-01_06 Datasheet
147Kb / 2P
   Dual Gate GaAs FET Chip
CF007-01 MIMIX-CF007-01 Datasheet
397Kb / 3P
   Dual Gate GaAs FET Chip
logo
Hitachi Semiconductor
3SK239A HITACHI-3SK239A Datasheet
41Kb / 6P
   GaAs Dual Gate MES FET
logo
Sony Corporation
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com