Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10EBEANA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F10EBEANA
Description  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10EBEANA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F10EBEANA Datasheet HTML 6Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 7Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 8Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 9Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 10Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 11Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 12Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 13Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
RL78/G1A
1. OUTLINE
Page 10 of 76
R01DS0151EJ0001 Rev.0.01
2011.12.26
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.4 Pin Identification
ANI0 to ANI12,
ANI16 to ANI30:
Analog input
AVDD:
Analog power supply
AVSS:
Analog ground
AVREFM:
A/D converter reference
potential (
− side) input
AVREFP:
A/D converter reference
potential (+ side) input
EVDD0:
Power supply for port
EVSS0:
Ground for port
EXCLK:
External clock input (main
system clock)
EXCLKS:
External clock input (sub
system clock)
INTP0 to INTP11: External interrupt input
KR0 to KR9:
Key return
P00 to P06:
Port 0
P10 to P16:
Port 1
P20 to P27:
Port 2
P30, P31:
Port 3
P40 to P43:
Port 4
P50, P51:
Port 5
P60 to P63:
Port 6
P70 to P77:
Port 7
P120 to P124:
Port 12
P130, P137:
Port 13
P140, P141:
Port 14
P150 to P154:
Port 15
PCLBUZ0, PCLBUZ1:
Programmable clock output/buzzer
output
REGC:
Regulator capacitance
RESET:
Reset
RTC1HZ:
Real-time clock correction clock
(1 Hz) output
RxD0 to RxD2:
Receive data
SCK00, SCK01, SCK10,
SCK11, SCK20, SCK21: Serial clock input/output
SCLA0, SCL00, SCL01,
SCL10, SCL11, SCL20,
SCL21:
Serial clock input/output
SDAA0, SDA00, SDA01,
SDA10, SDA11, SDA20,
SDA21:
Serial data input/output
SI00, SI01, SI10, SI11,
SI20, SI21:
Serial data input
SO00, SO01, SO10,
SO11, SO20, SO21:
Serial data output
TI00, TI01, TI03 to TI07: Timer input
TO00, TO01,
TO03 to TO07:
Timer output
TOOL0:
Data input/output for tool
TOOLRxD, TOOLTxD:
Data input/output for external device
TxD0 to TxD2:
Transmit data
VDD:
Power supply
VSS:
Ground
X1, X2:
Crystal oscillator (main system clock)
XT1, XT2:
Crystal oscillator (subsystem clock)


Similar Part No. - R5F10EBEANA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10EBE RENESAS-R5F10EBE Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10EBEANA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
   True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com