Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C515A-L24M Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAB-C515A-L24M
Description  8-Bit CMOS Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C515A-L24M Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAB-C515A-L24M Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 13Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 14Page - Siemens Semiconductor Group SAB-C515A-L24M Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Semiconductor Group
11
1997-10-01
C515A
EA
49
I
External Access Enable
When held high, the C515A executes instructions from
the internal ROM (C515A-4R) as long as the PC is less
than 8000H. When held low, the C515A fetches all
instructions from external program memory. For the
C515A-L this pin must be tied low.
P0.0-P0.7
52-59
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port 0 pins
that have 1's written to them float, and in that state can
be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and
data bus during accesses to external program and data
memory. In this application it uses strong internal pullup
resistors when issuing 1's. Port 0 also outputs the code
bytes during program verification in the C515A-4R.
External pullup resistors are required during program
verification.
P5.0-P5.7
67-60
I/O
Port 5
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 5 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 5 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
HWPD
69
I
Hardware Power Down
A low level on this pin for the duration of one machine
cycle while the oscillator is running resets the C515A. A
low level for a longer period will force the C515A into
Hardware Power Down Mode with the pins floating.
N.C.
2, 13, 14, 23,
46, 50, 51, 68,
70, 71
Not connected
These pins of the P-MQFP-80 package need not be
connected.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-80)
I/O*)
Function


Similar Part No. - SAB-C515A-L24M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C515A-4R SIEMENS-SAB-C515A-4R Datasheet
1Mb / 182P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C515A-L24M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com