Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10ELDAFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F10ELDAFB
Description  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELDAFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F10ELDAFB Datasheet HTML 7Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 8Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 9Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 10Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 11Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 12Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 13Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 14Page - Renesas Technology Corp R5F10ELDAFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
RL78/G1A
1. OUTLINE
Page 11 of 76
R01DS0151EJ0001 Rev.0.01
2011.12.26
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.5 Block Diagram
1.5.1 25-pin products
PORT 1
P10 to P12
PORT 2
P20 to P23
4
PORT 3
P30, P31
2
PORT 4
PORT 5
3
PORT 12
P121, P122
P40
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
UART1
IIC00
RxD0/P11
TxD0/P12
RxD1/P03
TxD1/P02
SCL00/P10
SDA00/P11
TIMER ARRAY
UNIT (8ch)
ch2
ch3
TI03/TO03/P31
ch0
ch1
ch4
ch5
ch6
ch7
INTP0/P137
INTP3/P30,
INTP4/P31
INTP1/P50
A/D CONVERTER
4
ANI0/P20 to
ANI3/P23
AVREFP/P20
AVREFM/P21
2
PORT 13
P137
CSI11
SCK11/P30
SO11/P51
SI11/P50
IIC11
SCL11/P30
SDA11/P50
TI00/P02
TO00/P03
BCD
ADJUSTMENT
SCK00/P10
SO00/P12
SI00/P11
CSI00
VSS
AVSS
TOOLRxD/P11,
TOOLTxD/P12
VDD
AVDD
SERIAL
INTERFACE IICA0
SDAA0/P61
SCLA0/P60
2
INTP2/P51
MULTIPLIER&
DIVIDER,
MULITIPLY-
ACCUMULATOR
PORT 0
P02, P03
2
9
ANI16/P03, ANI17/P02,
ANI18/P10, ANI20/P11,
ANI21/P12, ANI25/P51,
ANI26/P50, ANI27/P30,
ANI29/P31
DIRECT MEMORY
ACCESS CONTROL
PORT 6
P60, P61
2
BUZZER OUTPUT
PCLBUZ0/P31
CLOCK OUTPUT
CONTROL
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
REAL-TIME
CLOCK
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
INTERVAL
TIMER
KEY
RETURN
KR0/P02
KR1/P03
KR2/P22
KR3/P23
P50, P51
2
(KEY RETURN)
(4)
(KR0/P02, KR1/P03,
KR2/P22, KR3/P23)
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR).


Similar Part No. - R5F10ELDAFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10ELD RENESAS-R5F10ELD Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10ELDAFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
   True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com