Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0632JPD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK0632JPD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0632JPD Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK0632JPD Datasheet HTML 1Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 2Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 3Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 4Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 5Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 6Page - Renesas Technology Corp RJK0632JPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK0632JPD
Preliminary
R07DS0342EJ0100 Rev.1.00
Page 6 of 6
May 11, 2011
Package Dimensions
6.5 ± 0.3
5.6 ± 0.5
2.3 ± 0.2
0.55 ± 0.1
0 – 0.25
0.55 ± 0.1
(1.2)
0.8 ± 0.1
2.29 ± 0.5
2.29 ± 0.5
(5.1)
1.0 Max.
Previous Code
PRSS0004ZD-C
DPAK(S) / DPAK(S)V
MASS[Typ.]
0.28g
SC-63
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
DPAK(S)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK0632JPD-00-J3
3000 pcs
Taping (Sinistrorse)


Similar Part No. - RJK0632JPD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJK0632JPD VBSEMI-RJK0632JPD Datasheet
896Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RJK0632JPD DOINGTER-RJK0632JPD Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK0632JPD RENESAS-RJK0632JPD_15 Datasheet
102Kb / 7P
   60 V, 20 A Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK0632JPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com