Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0658DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0658DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0658DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0658DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0658DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0658DPA
Preliminary
R07DS0344EJ0100 Rev.1.00
Page 3 of 6
Apr 06, 2011
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Case Temperature Tc (°C)
Power vs. Temperature Derating
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
24
6
8
80
60
40
20
0
50
100
150
200
VGS = 4.6 V
10
0.1
1
1
10
100
1000
500
400
300
200
100
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
100
VGS = 10 V
Pulse Test
0.1
1
10
100
10
100
1000
1
0.01
0.1
5 A
5.4 V
Pulse Test
5.0 V
PW = 10 ms
1 ms
10
μs
DC Operation
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse
7.0 V
6.0 V
10 V
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test


Similar Part No. - RJK0658DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0658DPA RENESAS-RJK0658DPA Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA-00-J5A RENESAS-RJK0658DPA-00-J5A Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_15 Datasheet
165Kb / 7P
   60V, 25A, 11.1m廓 max. N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0658DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com