Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY59 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CGY59
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY59 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CGY59 Datasheet HTML 1Page - Siemens Semiconductor Group CGY59 Datasheet HTML 2Page - Siemens Semiconductor Group CGY59 Datasheet HTML 3Page - Siemens Semiconductor Group CGY59 Datasheet HTML 4Page - Siemens Semiconductor Group CGY59 Datasheet HTML 5Page - Siemens Semiconductor Group CGY59 Datasheet HTML 6Page - Siemens Semiconductor Group CGY59 Datasheet HTML 7Page - Siemens Semiconductor Group CGY59 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GaAs MMIC
CGY 59
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/8
12.01.96
HL EH PD 21
950MHz Application (GSM)
CGY59
50 Ohm Microstripline
U
d
Input
50Ohm
Output
L = Inductor 22nH (Coilcraft 0805CS-220-XMBC)
50Ohm
33pF
1nF
33pF
6
L
100pF
2.5nH
100pF
3
1
2
4
5
1850MHz Application (PCN, DECT)
3
CGY59
L = Inductor 6.8nH (Coilcraft 0805CS-060-XMBC)
50 Ohm Microstripline
Input
50 Ohm
Output
50 Ohm
U
d
L
27pF
27pF
100pF
1nF
0.5pF
100pF
1
2
4
5
6


Similar Part No. - CGY59

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
   GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
More results

Similar Description - CGY59

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY60 SIEMENS-CGY60 Datasheet
38Kb / 7P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com