Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY94 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CGY94
Description  GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY94 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CGY94 Datasheet HTML 1Page - Siemens Semiconductor Group CGY94 Datasheet HTML 2Page - Siemens Semiconductor Group CGY94 Datasheet HTML 3Page - Siemens Semiconductor Group CGY94 Datasheet HTML 4Page - Siemens Semiconductor Group CGY94 Datasheet HTML 5Page - Siemens Semiconductor Group CGY94 Datasheet HTML 6Page - Siemens Semiconductor Group CGY94 Datasheet HTML 7Page - Siemens Semiconductor Group CGY94 Datasheet HTML 8Page - Siemens Semiconductor Group CGY94 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GaAs MMIC
CGY 94
_______________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/9
17.10.95
HL EH PD 21
S-Parameter at VD=3.6V and Pin=9dBm
(VG=-4V, VTR=0V, pulsed with a duty cycle of 10%)
S-Parameter at VD=5V and Pin=9dBm
(VG=-4V, VTR=0V, pulsed with a duty cycle of 10%)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
f [M Hz]
MAG(s11)
MAG(s21)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
f [M Hz]
MAG(s11)
MAG(s21)


Similar Part No. - CGY94

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

Similar Description - CGY94

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
   Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
   GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
   GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
   2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com