Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBB1002 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # TBB1002
Description  Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1002 Datasheet(HTML) 8 Page - Renesas Technology Corp

  TBB1002_11 Datasheet HTML 1Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 2Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 3Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 4Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 5Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 6Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 7Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 8Page - Renesas Technology Corp TBB1002_11 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TBB1002
Preliminary
R07DS0313EJ1000 Rev.10.00
Page 8 of 8
Mar 28, 2011
Package Dimensions
S
y
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
c
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
2.0
0.3
0.2
0.2
0.25
0.9
0.15
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.25
0.25
2.2
1.35
2.2
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
SC-88
0.006g
MASS[Typ.]
CMPAK-6 / CMPAK-6V
PTSP0006JA-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
CMPAK-6
Ordering Information
Orderable Part Number
Quantity
Shipping Container
TBB1002BMTL-E
TBB1002BMTL-H
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - TBB1002_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1002BMTL-E RENESAS-TBB1002BMTL-E Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
More results

Similar Description - TBB1002_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1005 RENESAS-TBB1005_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_11 Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012 Datasheet
150Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com