Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBB1005EMTL-E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # TBB1005EMTL-E
Description  Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1005EMTL-E Datasheet(HTML) 7 Page - Renesas Technology Corp

  TBB1005EMTL-E Datasheet HTML 1Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 2Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 3Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 4Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 5Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 6Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 7Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 8Page - Renesas Technology Corp TBB1005EMTL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TBB1005
Preliminary
R07DS0315EJ1000 Rev.10.00
Page 7 of 8
Mar 28, 2011
0
4
3
2
1
10
20
50
100 200
500 1000
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 200 MHz
Noise Figure vs.
Gate Resistance (FET2)
Gate Resistance RG (kΩ)
4
0
10
20
30
40
50
3
2
1
0
VDS = VG1 = 5 V
RG = 82 kΩ
Gain Reduction vs.
Gate2 to Source Voltage (FET2)
Gate2 to Source Voltage VG2S (V)


Similar Part No. - TBB1005EMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1005EMTL-E RENESAS-TBB1005EMTL-E Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
More results

Similar Description - TBB1005EMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1002 RENESAS-TBB1002_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_11 Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012 Datasheet
150Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com