Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-1636-1-ND Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # 67-1636-1-ND
Description  TXRX_982_R1 Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

67-1636-1-ND Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button 67-1636-1-ND Datasheet HTML 2Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 3Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 4Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 5Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 6Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 7Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 8Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 9Page - Micrel Semiconductor 67-1636-1-ND Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel
TXRX_982_R1 Evaluation Board
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
8
Bill of Materials
Driver AC-Coupled to the Laser
Item
Part Number
Manufacturer
Description
Qty.
C1–C6, C8, C10, C12–C18,
C20–C27, C32, C33,
C35–C38, C41, C42
Vishay(1)
0.1µF, 25V, 10% Ceramic Capacitor, Size
0402
31
C19
Vishay(1)
0.01µF Ceramic Capacitor, Size 0402
1
C28, C34
Vishay(1)
1µF Ceramic Capacitor, Size 0603
2
C29-C31
ECSH0GY106R
Vishay(1)
10µF, Y, Tantalium Solid Electrolytic
Capacitor, Size 1206
1
D3-D9
67-1636-1-ND
Digi-Key(2)
Red, LED
7
J1
745783
AMP(3)
Receptacle DB-25 R/A Connector, 25 Position
1
J2-J5
142-0711-821
Johnson
Components(4)
SMA End Launch Receptacle Connector
4
J6
D12M-9060-A
Luxnet(5)
ROSA
1
J8
FOL137-xx-Oxx-x4
Fitel(6)
FP/DFB Laser, Common Anode
1
L1–L3, L6
BLM18HG102SN
Murata(7)
Inductor
4
L4, L5, L7, L8
IMC 0805 RK 122 J 01
Vishay(1)
1.2µH Ferrite Bead Inductor, Size 1206
2
Q2
MMBT3904
Fairchild
Semiconductor(8)
General Purpose NPN Transistor (SOT-23)
2
Q3
MMBT3906
Fairchild
Semiconductor(8)
General Purpose PNP Transistor (SOT-23)
2
R1, R18, R19, R21, R22,
R25, R28, R29, R33, R34,
R47, R49
CRCW04021002F
Vishay(1)
10k , 5% Resistor, Size 0402
12
R5, R11, R16, R27, R32,
R39, R53
CRCW04021002F
Vishay(1)
0 , 1% Resistor, Size 0402
7
R6, R13
CRCW040275R0F
Vishay(1)
75.0 , 1% Resistor, Size 0402
2
R7, R9, R10, R20, R30, R37,
R38, R50, R51
CRCW04022740F
Vishay(1)
274 , 5% Resistor, Size 0402
9
R8, R24
CRCW0402230R1F
Vishay(1)
30.1 , 1% Resistor, Size 0402
2
R14, R15
CRCW040233R2F
Vishay(1)
33.2 , 1% Resistor, Size 0402
2
R17
CRCW04024752F
Vishay(1)
47K , 1% Resistor, Size 0402
2
R45
CRCW04023R32F
Vishay(1)
3.32 , 1% Resistor, Size 0402
1
R48
CRCW04021501F
Vishay(1)
1.5k , 5% Resistor, Size 0402
1
TP3
5010
Keystone(9)
Red, Color Coded PCB Test Point
1
TP5
5010
Keystone(9)
Black, Color Coded PCB Test Point
1
U1
MIC74
Micrel(10)
2-Wire Serial I/O Expander
1
U2
MIC3001
Micrel(10)
Optical Transceiver Management IC
1
U3
SY88973
Micrel(10)
3.2Gbps Limiting Post Amplifier
1
U4
SY88982
Micrel(10)
Laser Driver
1
U5
INA138
TI (Burr-
Brown)(11)
High Side Measurement Current Shunt
Monitor
1
U6
74LCX04
Fairchild(8)
Low Voltage Hex Inverter with 5V
Tolerant Inputs
1
TXRX_982_R1
Micrel(10)
Bare PCB
1


Similar Part No. - 67-1636-1-ND

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-11-B7C-B0T1U1E0E8 EVERLIGHT-67-11-B7C-B0T1U1E0E8 Datasheet
674Kb / 11P
   Top View LEDs
67-11-BHC-FQ2S1F-2T EVERLIGHT-67-11-BHC-FQ2S1F-2T Datasheet
247Kb / 10P
   Top View LEDs
67-11-BHC-FQ2S1F-2T EVERLIGHT-67-11-BHC-FQ2S1F-2T Datasheet
247Kb / 10P
   Top View LEDs
67-11-GHC-AT2V1-2T EVERLIGHT-67-11-GHC-AT2V1-2T Datasheet
215Kb / 10P
   TOP View LEDs
67-11-GHC-AT2V1-2T EVERLIGHT-67-11-GHC-AT2V1-2T Datasheet
140Kb / 10P
   TOP View LEDs
More results

Similar Description - 67-1636-1-ND

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com