Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW040275R0F Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # CRCW040275R0F
Description  TXRX_982_R1 Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

CRCW040275R0F Datasheet(HTML) 1 Page - Micrel Semiconductor

  CRCW040275R0F Datasheet HTML 1Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 2Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 3Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 4Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 5Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 6Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 7Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 8Page - Micrel Semiconductor CRCW040275R0F Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
SY88973/SY88982/MIC3001-Based
SFP Module
TXRX_982_R1 Evaluation Board
General Description
This evaluation board is an implementation of the
SFP module in a different form factor with on board
faults indicators (LEDs) and a DB-25 connector for
serial communication. The design uses Micrel's
MIC3001 controller, SY88982 (pin compatible with
SY88782 and SY88932) driver, and SY88973 limiting
amplifier.
A picture of the fully bonded board is
shown below.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Related Support Documentation
MIC3001 Data Sheet
SY89307 Data Sheet
SY89973 Data Sheet
MIC3000/1 Software User’s Guide
Features
Allows for easy and fast evaluation of Micrel’s
chipset for SFP module
On board FAULTs indicators
Easy access to the components for rework and
different options implementation
IC Description
SY88982: Low power small form factor (3mm x
3mm) laser driver up to 3.2Gbps data rate and
2.3V compliance voltage. SY88782 is a lower
speed version up to 1.25Gbps.
MIC3001: SFP module controller featuring digital
diagnostic monitoring interface as per SFF-8472
with internal/external calibration and full laser
control with bias and modulation current
compensation for temperature variations using
look up tables.
SY88973: Multi-rate 155-3200Mbps low
sensitivity limiting amplifier.
______________________________________________________________________________
Evaluation Board
TOSA
DFB / FP
ROSA
DRIVER
INPUT
L.A.
OUTPUT


Similar Part No. - CRCW040275R0F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040275R0FKTD VISHAY-CRCW040275R0FKTD Datasheet
133Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
More results

Similar Description - CRCW040275R0F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com