Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CNY17
Description  TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CNY17 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CNY17 Datasheet HTML 1Page - Siemens Semiconductor Group CNY17 Datasheet HTML 2Page - Siemens Semiconductor Group CNY17 Datasheet HTML 3Page - Siemens Semiconductor Group CNY17 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
FEATURES
• High Current Transfer Ratio
CNY17-1, 40 to 80%
CNY17-2, 63 to 125%
CNY17-3, 100 to 200%
CNY17-4, 160 to 320%
• Breakdown Voltage, 5300 VACRMS
Field-Effect Stable by TRIOS*
• Long Term Stability
• Industry Standard Dual-in-Line Package
• Underwriters Lab File #E52744
VDE #0884, Available with Option 1
DESCRIPTION
The CNY17 is an optically coupled pair consisting
of a Gallium Arsenide infrared emitting diode opti-
cally coupled to a silicon NPN phototransistor.
Signal information, including a DC level, can be
transmitted by the device while maintaining a high
degree of electrical isolation between input and out-
put.
The CNY17 can be used to replace relays and
transformers in many digital interface applications,
as well as analog applications such as CRT modu-
lation.
Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage .................................................6 V
Forward Current............................................ 60 mA
Surge Current (t
≤10µs)................................... 2.5 A
Power Dissipation .......................................100 mW
Detector
Collector-Emitter Breakdown Voltage ...............70 V
Emitter-Base Breakdown Voltage .......................7 V
Collector Current .......................................... 50 mA
Collector Current (t <1 ms)......................... 100 mA
Power Dissipation .......................................150 mW
Package
Isolation Test Voltage (Between emitter &
detector referred to climate DIN 40046,
part 2, Nov. 74) ..............................5300 VACRMS
Creepage Distance
.......................................... ≥7 mm
Clearance Distance
......................................... ≥7 mm
Isolation Thickness between
Emitter and Detector
................................. ≥0.4 mm
Comparative Tracking Index per DIN IEC 112/
VDE0303, part 1.............................................175
Isolation Resistance
VIO=500 V, TA=25°C................................... ≥10
12
VIO=500 V, TA=100°C ................................ ≥10
11
Storage Temperature ................... –55
°C to +150°C
Operating Temperature ............... –55
°C to +100°C
Junction Temperature ....................................100
°C
Soldering Temperature (max . 10 s, dip soldering:
distance to seating plane
≥1.5 mm) ..........260°C
V
DE
Characteristics (TA=25°C)
Symbol
Unit
Condition
Emitter
Forward Voltage
VF
1.25
(
≤1.65)
VIF = 60 mA
Breakdown Voltage
VBR
≥6V
IR = 10 mA
Reverse Current
IR
0.01 (
≤10)
µAV
R = 6 V
Capacitance
25
pF
VR = 0 V, f =1 MHz
Thermal Resistance
Rthjamb
750
K/W
Detector
Capacitance
CCE
CCB
CEB
5.2
6.5
7.5
pF
pF
pF
VCE =5 V, f =1 MHz
VCB =5 V, f =1 MHz
VEB =5 V, f =1 MHz
Thermal Resistance
Rthjamb
500
K/W
Package
Collector-Emitter
Saturation Voltage
VCEsat
0.25 (
≤0.4)
V
IF =10 mA,
IC=2.5 mA
Coupling Capacitance
CC
0.6
pF
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
CNY17 SERIES
TRIOS“ PHOTOTRANSISTOR
OPTOCOUPLER
This document was created with FrameMaker 4.0.4


Similar Part No. - CNY17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Fairchild Semiconductor
CNY17 FAIRCHILD-CNY17 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
logo
List of Unclassifed Man...
CNY17 ETC2-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - CNY17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
   PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
   HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
   5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
   5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com