Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS18 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SS18
Description  1.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SS18 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SS18 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SS18 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0AMP SCHOTTKY BARRIER RECTIFIERS
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* High reliability
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Mounting position: Any
* Weight: 0.066 gram
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
UNIT
Marking Code
SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
IO
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance
(Note 1)
CJ
P
F
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
UNIT
Maximum Forward Voltage at 1.0A DC
@TA=25℃
VF
0.87
0.90
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
2009.11
SS12
THRU
SS120
Pb Free Product
WILLAS
mAmps
30.0
Typical Thermal Resistance
70
30
70
60
0.50
Amps
IFSM
1.0
0.70
0.85
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMA PACKAGE
CHARACTERISTICS
50
-55 to +125
-55 to +150
IR
35
0.5
0.2
10.0
5.0
WILLAS ELECTRONIC CORP.
Note : 1.Measured at 1 MHz and applied reverse voltage of 4.0 volts.


Similar Part No. - SS18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS18 PANJIT-SS18 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SS18 SUNMATE-SS18 Datasheet
120Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SS18 MIC-SS18 Datasheet
99Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SS18 PACELEADER-SS18 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Shenzhen Luguang Electr...
SS18 LUGUANG-SS18 Datasheet
190Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS18

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SR120 WILLAS-SR120 Datasheet
203Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR120 PACELEADER-SR120 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com