Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM802121UMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SM802121UMGTR
Description  ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802121UMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SM802121UMGTR Datasheet HTML 1Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 2Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 3Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 4Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 5Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 6Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 7Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 8Page - Micrel Semiconductor SM802121UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SM802121
January 2012
3
M9999-011212-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
16, 17
/Q, Q
O, (DIF)
LVPECL
Differential Clock Output 156.25MHz.
1, 18
VDDO
PWR
Power Supply for Output.
2, 22
VSSO
PWR
Power Supply Ground for Output.
6
XTAL_SEL
I, (SE)
LVCMOS
Selects PLL Input Reference Source (0 = REF_IN, 1 =
XTAL, 45KΩ pull-up).
3, 4, 20, 21,
23, 24
NC
No Connect. Do not connect anything to these pins.
5, 7, 12, 15, 19
TEST
Factory Test Pins. Do not connect anything to these pins.
8
VDD
PWR
Core Power Supply.
13, 14
VSS
(Exposed Pad)
PWR
Core Power Supply Ground. The exposed pad must be
connected to the VSS ground plane.
9
REF_IN
I, (SE)
LVCMOS
Reference Clock Input.
10
XIN
I, (SE)
crystal
Crystal Reference Input. No load caps needed. (See Fig. 5)
11
XOUT
O, (SE)
crystal
Crystal Reference Output. No load caps needed. (See Fig. 5)
Application Information
Input Reference
When operating with a crystal input reference, do not
apply a switching signal to REF_IN.
Crystal Layout
Keep the layers under the crystal as open as possible
and do not place switching signals or noisy supplies
under the crystal.
Crystal load capacitance is built inside the die so no
external capacitance is needed. See the Selecting a
quartz crystal for the Clockworks Flex I Family of
Precision Synthesizers
application note for further
details.
Contact Micrel’s HBW applications group if you need
assistance on selecting a suitable crystal for your
application at hbwhelp@micrel.com
Truth Table
XTAL_SEL
INPUT
0
REF_IN
1
XTAL


Similar Part No. - SM802121UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMG MICREL-SM802123UMG Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMGTR MICREL-SM802123UMGTR Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results

Similar Description - SM802121UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com