Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM802116UMGR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM802116UMGR
Description  ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802116UMGR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM802116UMGR Datasheet HTML 1Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 2Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
SM802116
July 2011
2
M9999-071811-A
hbwhelp@micrel.com
Ordering Information
(1)
Part Number
Marking
Shipping
Temperature Range
Package
SM802116UMG
802116
Tube
–40
°C to +85°C
24-Pin QFN
SM802116UMGR
802116
Tape and Reel
–40
°C to +85°C
24-Pin QFN
Note:
1. Devices are Green, RoHS, and PFOS compliant.
Pin Configuration
24-Pin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
19, 20
/Q1, Q1
O, (DIF)
LVDS
Differential Clock Output from Bank 1
106.25MHz or 212.5MHz
22, 23
/Q2, Q2
O, (DIF)
LVDS
Differential Clock Output from Bank 2
106.25MHz or 212.5MHz
24
VDDO2
PWR
Power Supply for Output Bank 2
2
VSSO2
PWR
Power Supply Ground for Output Bank 2
3
PLL_BYPASS
I, (SE)
LVCMOS
PLL Bypass, Selects Output Source
0 = Normal PLL Operation
1 = Output from Input Reference Clock or Crystal
45KΩ pull-down
4
XTAL_SEL
I, (SE)
LVCMOS
Selects PLL Input Reference Source
0 = REF_IN, 1 = XTAL, 45KΩ pull-up
or (408) 955-1690


Similar Part No. - SM802116UMGR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Similar Description - SM802116UMGR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com