Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRUDH-SS-109D1000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SRUDH-SS-109D1000
Description  12 Amp Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SRUDH-SS-109D1000 Datasheet(HTML) 2 Page - Tyco Electronics

  SRUDH-SS-109D1000 Datasheet HTML 1Page - Tyco Electronics SRUDH-SS-109D1000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
443
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 4-03)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
SRUDH -SS
-1
12
D
M
1
,000
1. Basic Series:
SRUDH = Miniature Power PC board relay.
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
06 = 6VDC
12 = 12VDC
48 = 48VDC
09 = 9VDC
24 = 24VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Contact Material:
1 = AgCdO
8. Suffix:
,000 = Standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
.65
± .02
(16.5
± .5)
.48
± .008
(12.2
± .2)
.039
(1.0)
.177
± .008
(4.5
± .2)
.157
± .008
(4.0
± .2)
.795
± .02
(20.2
± .5)
.018
(.45)
.795
± .02
(20.2
± .5)
.012
(.3)
.039
(1.0)
.020
(.5)
.020
(.5)
.236
± .008
(6.0
± .2)
.079
± .008
(2.0
± .2)
.236
± .008
(6.0
± .2)
.079
± .008
(2.0
± .2)
.48
± .004
(12.2
± .1)
.236
± .004
(6.0
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .008
(2.0
± .2)
SRUDH-SH-112D1,000
SRUDH-SH-124D1,000
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SRUDH-SH-112DM1,000
SRUDH-SH-124DM1,000
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure SRUDH relay in 27E1064 socket.


Similar Part No. - SRUDH-SS-109D1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRUDH-S-103DB1 ETC-SRUDH-S-103DB1 Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
SRUDH-S-103DM1 ETC-SRUDH-S-103DM1 Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
SRUDH-S-106DB1 ETC-SRUDH-S-106DB1 Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
SRUDH-S-106DM1 ETC-SRUDH-S-106DM1 Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
SRUDH-S-109DB1 ETC-SRUDH-S-109DB1 Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
More results

Similar Description - SRUDH-SS-109D1000

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ942H AZETTLER-AZ942H Datasheet
82Kb / 2P
   12 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
   10 Amp Miniature Power PC Board Relay
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
   15 Amp Miniature Power PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com