Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2026A Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2026A
Description  Dual-Channel Power Distribution Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026A Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2026A_09 Datasheet HTML 1Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 2Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 3Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 4Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 5Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 6Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 7Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 8Page - Micrel Semiconductor MIC2026A_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC2026A/2076A
July 2009
4
M9999-072309-B
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
B
F
B
Output Turn-Off Fall Time
See Timing Diagrams, RL = 10Ω, CL = 1µF
32
100
µs
tD
Overcurrent Flag Response
Delay
From short circuit to FLG pin assertion
1.5
3.5
7
ms
T
B
J
B
increasing, each switch
T
B
J
B
decreasing, each switch
140
120
°C
°C
TOVERTEMP
Overtemperature Threshold
P
(5)
P
T
B
J
B
increasing, both switches
T
B
J
B
decreasing, both switches
160
150
°C
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function properly outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. If there is a fault on one channel, that channel will shut down when the die reaches approximately 140°C. If the die reaches approximately 160°C,
both channels will shut down, even if neither channel is in current limit.
Test Circuit


Similar Part No. - MIC2026A_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026-1BN MICREL-MIC2026-1BN Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
More results

Similar Description - MIC2026A_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
   Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com