Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2026A Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2026A
Description  Dual-Channel Power Distribution Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026A Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2026A Datasheet HTML 8Page - Micrel Semiconductor MIC2026A Datasheet HTML 9Page - Micrel Semiconductor MIC2026A Datasheet HTML 10Page - Micrel Semiconductor MIC2026A Datasheet HTML 11Page - Micrel Semiconductor MIC2026A Datasheet HTML 12Page - Micrel Semiconductor MIC2026A Datasheet HTML 13Page - Micrel Semiconductor MIC2026A Datasheet HTML 14Page - Micrel Semiconductor MIC2026A Datasheet HTML 15Page - Micrel Semiconductor MIC2026A Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC2026A/2076A
July 2009
13
M9999-072309-B
(408) 955-1690
Figure 2. MIC2026A Fault Timing
Application Information
Supply Filtering
A 0.1µF to 1µF bypass capacitor positioned close to VIN
and GND pins of the device is strongly recommended to
control supply transients. Without a bypass capacitor, an
output short may cause sufficient ringing on the input
(from supply lead inductance) to damage internal control
circuitry.
Printed Circuit Board Hot-Plug
The MIC2026A/2076A are ideal inrush current-limiters
for hot plug applications. Due to their integrated charge
pumps, the MIC2026A/2076A present a high impedance
when off and slowly become a low impedance as their
integrated charge pumps turn on. This “soft-start” feature
effectively isolates power supplies from highly capacitive
loads by reducing inrush current. Figure 3 shows how
the MIC2026A may be used in a card hot-plug
application.
In cases of extremely large capacitive loads (>400µF),
the length of the transient due to inrush current may
exceed the delay provided by the integrated filter. Since
this inrush current exceeds the current-limit delay
specification, FLG will be asserted during this time. To
prevent the logic controller from responding to FLG
being asserted, an external RC filter, as shown in Figure
4, can be used to filter out transient FLG assertion. The
value of the RC time constant should be selected to
match the length of the transient, less tD(min) of the
MIC2026A/2076A.
Universal Serial Bus (USB) Power Distribution
The MIC2026A/2076A are ideally suited for USB
(Universal Serial Bus) power distribution applications.
The USB specification defines power distribution for
USB host systems such as PCs and USB hubs. Hubs
can either be self-powered or bus-powered (that is,
powered from the bus). Figure 5 shows a typical USB
Host application that may be suited for mobile PC
applications employing USB. The requirement for USB
host systems is that the port must supply a minimum of
500mA at an output voltage of 5V ±5%. In addition, the
output power delivered must be limited to below 25VA.
Upon an overcurrent condition, the host must also be
notified. To support hot-plug events, the hub must have
a minimum of 120µF of bulk capacitance, preferably low
ESR electrolytic or tantalum. Please refer to Application
Note 17 for more details on designing compliant USB
hub and host systems.
For bus-powered hubs, USB requires that each
downstream port be switched on or off under control by
the host. Up to four downstream ports each capable of
supplying 100mA at 4.4V minimum are allowed. In
addition, to reduce voltage droop on the upstream VBUS,
soft-start is necessary. Although the hub can consume
up to 500mA from the upstream bus, the hub must
consume only 100mA max at start-up, until it
enumerates with the host prior to requesting more
power. The same requirements apply for bus-powered
peripherals that have no downstream ports. Figure 6
shows a bus-powered hub.


Similar Part No. - MIC2026A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026-1BN MICREL-MIC2026-1BN Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
More results

Similar Description - MIC2026A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
   Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com