Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1147 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q1147
Description  2M x 8-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1147 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q1147 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1147 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Semiconductor Group
5
HYB 3117800BSJ-50/-60/-70
2M x 8-DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage ...............................................................................-0.5 to min (Vcc+0.5, 4.6) V
Power supply voltage...................................................................................................-1.0V to 4.6 V
Power dissipation..................................................................................................................... 0.5 W
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
DC Characteristics
TA = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V
± 0.3V, t
T = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.5
V
1)
Input low voltage
VIL
– 0.5
0.8
V
1)
LVTTL Output high voltage (
I
OUT = –2 mA)
V
OH
2.4
V
1)
LVTTL Output low voltage (
IOUT = 2 mA)
VOL
–0.4
V
1)
CMOS Output high voltage (
I
OUT = –100 µA)
V
OH
Vcc-0.2
V
CMOS Output low voltage (
IOUT = 100
µA)
VOL
–0.2
V
)
Input leakage current,any input
(0 V
V
IH
≤ Vcc + 0.3V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT ≤ Vcc + 0.3V)
I
O(L)
– 10
10
µA
1)
Average
VCC supply current:
-50 ns version
-60 ns version
-70 ns version
(RAS, CAS, address cycling, tRC = tRC min.)
ICC1
120
110
100
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current (RAS =CAS = VIH) ICC2
–2mA
Average
V
CC supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
-70 ns version
(RAS cycling: CAS =
V
IH,
tRC = tRC min.)
I
CC3
120
110
100
mA
mA
mA
2) 4)
2) 4)
2) 4)


Similar Part No. - Q67100-Q1147

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1143 SIEMENS-Q67100-Q1143 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
Q67100-Q1144 SIEMENS-Q67100-Q1144 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
More results

Similar Description - Q67100-Q1147

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com