Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1148 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q1148
Description  2M x 8-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1148 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q1148 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1148 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Semiconductor Group
2
HYB 3117800BSJ-50/-60/-70
2M x 8-DRAM
The HYB 3117800BSJ is a 16 MBit dynamic RAM organized as 2097152 words by 8-bits. The HYB
3117800BSJ utilizes a submicron CMOS silicon gate process technology, as well as advanced
circuit techniques to provide wide operating margins, both internally and for the system user.
Multiplexed address inputs permit the HYB 3117800BSJ to be packaged in a standard SOJ 28
400 mil plastic package. These packages provide high system bit densities and are compatible with
commonly used automatic testing and insertion equipment. System-oriented features include single
+ 3.3 V (
± 0.3V) power supply, direct interfacing with high-performance logic device families.
Ordering Information
Pin Names
Type
Ordering Code
Package
Descriptions
HYB 3117800BSJ-50
Q67100-Q1147
P-SOJ-28-3
400 mil
3.3V DRAM (access time 50 ns)
HYB 3117800BSJ-60
Q67100-Q1148
P-SOJ-28-3
400 mil
3.3V DRAM (access time 60 ns)
HYB 3117800BSJ-70
P-SOJ-28-3
400 mil
3.3V DRAM (access time 70 ns)
A0 to A10
Row Address Inputs
A0 to A9
Column Address Inputs
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O8
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
VCC
Power Supply (+ 3.3 V)
V
SS
Ground (0 V)
N.C.
not connected


Similar Part No. - Q67100-Q1148

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1143 SIEMENS-Q67100-Q1143 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
Q67100-Q1144 SIEMENS-Q67100-Q1144 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
More results

Similar Description - Q67100-Q1148

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com