Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OJESH106HMHF095 Datasheet(PDF) 1 Page - Tyco Electronics

Part # OJESH106HMHF095
Description  3-10 Amp Miniature,PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OJESH106HMHF095 Datasheet(HTML) 1 Page - Tyco Electronics

  OJESH106HMHF095 Datasheet HTML 1Page - Tyco Electronics OJESH106HMHF095 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
422
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev.11-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Miniature size 18.2 x 10.2 x 14.7h.
• 1 Form A (SPST-NO) contact arrangement.
• Designed to meet UL, CSA, VDE, TUV requirements.
• Designed to meet 4kV dielectric between coil and contacts (OJ).
• Sensitive and standard coils available.
• Immersion cleanable, sealed version available.
OJ/OJE series
3-10 Amp Miniature,
PC Board Relay
Appliances, HVAC, Industrial Control.
UL File No. E82292
CSA File No. LR48471
VDE File No. 10080
TUV File No. R75081
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
OJ/OJE-SS: Vented (Flux-tight), plastic cover.
OJ/OJE-SH: Sealed, plastic case.
Weight: 0.32 oz (9g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage:
OJ/OJE -L: 75% of nominal voltage or less.
OJ/OJE -D and -H: 70% of nominal voltage or less.
Must Release Voltage:
OJ/OJE -L: 5% of nominal voltage or more.
OJ/OJE -D and -H: 5% of nominal voltage or more.
Operate Time: OJ/OJE -L: 15 ms max.
OJ/OJE -D and -H: 10 ms max.
Release Time: 4 ms max.
Environmental Data
Temperature Range:
Operating, Class A (105
°C) Insulation:
OJ/OJE-L: -30
°C to +80°C
OJ/OJE-D & -H: -30
°C to +60°C.
Operating, Class F (155
°C) Insulation:
OJ/OJE-L: -30
°C to +105°C
OJ/OJE-D and -H: -30
°C to +85°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts:
OJ:
750VAC 50/60 Hz. (1 minute).
OJE: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts:
OJ:
4,000VAC 50/60 Hz. (1 minute).
OJE: 3,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts:
OJ: 10,000V (1.2/50
µs).
OJE: 5,000V (1.2/50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO).
Material: Ag, Ag Alloy.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @5VDC.
Initial Contact Resistance: 100 milliohms @ 1A,6VDC.
Coil Data
Voltage: 5 to 48VDC.
Nominal Power: OJ/OJE-LM and LMH: 200 mW.
OJ/OJE-DMand HM: 450 mW.
Coil Temperature Rise:
OJ/OJE-LM and LMH : 30
°C max., at rated coil voltage.
OJ/OJE-DM and HM: 40
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: OJ/OJE-LM:
3A @ 250VAC resistive,
3A @ 28VDC resistive.
OJ/OJE-LMH: 8A @ 250VAC resistive,
8A @ 28VDC resistive.
OJ/OJE-DM:
5A @ 250VAC resistive,
5A @ 28VDC resistive.
OJ/OJE-HM:
10A @ 250VAC resistive,
10A @ 28VDC resistive.
Max. Switched Voltage: AC: 265V.
DC: 30V.
Max. Switched Power:
OJ/OJE-LM:
720VA, 90W
OJ/OJE-LMH: 1,800VA, 200W
OJ/OJE-DM:
1,200VA, 150W
OJ/OJE-HM:
2,500VA, 280W
Note: Consult factory regarding TV-5 rated models.
OJ/OJE-L Sensitive
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
40.0
125
3.75
0.25
6
33.3
180
4.50
0.30
9
22.5
400
6.75
0.45
12
16.7
720
9.00
0.60
24
8.6
2,800
18.00
1.20
OJ/OJE-D and -H Standard
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
91.0
55
3.50
0.25
6
75.0
80
4.20
0.30
9
50.0
180
6.30
0.45
12
37.5
320
8.40
0.60
24
18.8
1,280
16.80
1.20
48
9.4
5,100
33.60
2.40
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - OJESH106HMHF095

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
114Kb / 2P
   Miniature PCB Relay OJ / OJE
logo
TE Connectivity Ltd
OJE TEC-OJE Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105DM,000 TEC-OJE-SH-105DM,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105LMH,000 TEC-OJE-SH-105LMH,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
More results

Similar Description - OJESH106HMHF095

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE-SS-112LM MACOM-OJE-SS-112LM Datasheet
78Kb / 2P
   3-10 Amp Miniature, PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
Tyco Electronics
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com